PART |
Description |
Maker |
MJW16110 MJ16110 ON1988 |
POWER TRANSISTORS 15 AMPERES 400 VOLTS 175 AND 135 WATTS 15 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-247AE From old datasheet system NPN Silicon Power Transistors
|
Motorola Mobility Holdings, Inc. http:// MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
MJ16010 MJ16012 MJW16012 MJW16010 ON1985 |
15 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 135 AND 175 WATTS 15 A, 450 V, NPN, Si, POWER TRANSISTOR, TO-204AA 15 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 135 AND 175 WATTS 15 A, 450 V, NPN, Si, POWER TRANSISTOR, TO-247AE NPN SILICON POWER TRANSISTORS 15 A, 450 V, NPN, Si, POWER TRANSISTOR, TO-247AE From old datasheet system
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
BD237 ON0191 |
From old datasheet system POWER TRANSISTORS NPN SILICON Plastic Medium Power Silicon NPN Transistor CASE 77-09 TO-225AA TYPE
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
MJE182 MJE171 MJE181 MJE172 ON2017 MOTOROLAINC-MJE |
POWER TRANSISTORS COMPLEMENTARY SILICON 3 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-225AA From old datasheet system COMPLEMENTARY SLLLCON PLASTLC POWER TRANSLSTORS 3 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60-80 VOLTS 12.5 WATTS
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
BD135 BD139 ON0184 BD137 |
Plastic Medium Power Silicon NPN Transistor 1.5 A, 45 V, NPN, Si, POWER TRANSISTOR, TO-225AA POWER TRANSISTORS NPN SILICON CASE 77-09 TO-225AA TYPE From old datasheet system
|
Motorola Mobility Holdings, Inc. ON Semiconductor MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
2N6338 2N6339 2N6341 2N6340 2N6338-D |
High-Power NPN Silicon Transistors POWER TRANSISTORS NPN SILICON
|
ONSEMI[ON Semiconductor]
|
MJE13002 MJE13003 |
1.400W Medium Power NPN Plastic Leaded Transistor. 300V Vceo, 1.500A Ic, 8 - 40 hFE. NPN EPITAXIAL SILICON POWER TRANSISTORS
|
Continental Device India Limited
|
MJB42CT4 MJB41C MJB41CT4 MJB42C MJB41C-D |
Complementary Silicon Plastic Power Transistors D2PAK for Surface Mount Complementary Silicon Plastic Power Transistors 6 A, 100 V, PNP, Si, POWER TRANSISTOR Complementary Silicon Plastic Power Transistors 6 A, 100 V, NPN, Si, POWER TRANSISTOR
|
http:// ONSEMI[ON Semiconductor]
|
BDV65B BDV65A BDV65C |
Silicon NPN Power Transistors Silicon NPN Darlington Power Transistor
|
Inchange Semiconductor Company Limited
|
2SA2040 2SC5707 C5707 2SA2040TP 2SA2040TP-FA 2SC57 |
PNP Epitaxial Planar Silicon Transistors High Current Switching Applications PNP / NPN Epitaxial Planar Silicon Transistors PNP/NPN Epitaxial Planar Silicon Transistors TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 8A I(C) | TO-251VAR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 8A I(C) | TO-252VAR Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
MJW16010A-D MJW16010A |
NPN Silicon Power Transistors NPN Silicon Power Transistors 1 kV SWITCHMODE Series
|
ON Semiconductor
|
PMD11K80 PMD11K PMD11K100 PMD11K60 PMD10K80 PMD10K |
Silicon Power Darlington Transistors SILICON POWER DARLING TRANSISTORSl 12 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-3
|
Central Semiconductor C... CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|